Part Number Hot Search : 
MOBIL AAMUA 2SC2712 LTC1562I 1N7002 AM6082XC 1V156 15310
Product Description
Full Text Search
 

To Download SF11S1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF11S - SF18S
1.0 AMP. Super Fast Rectifiers A-405
Features
High efficiency, low VF High current capability High reliability High surge current capability Low power loss. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: 260 oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.22 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SF SF SF SF SF SF SF SF Units Type Number 11S 12S 13S 14S 15S 16S 17S 18S
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length o @T A = 55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @T A=25 oC at Rated DC Blocking Voltage @ T A=100 oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance
V RRM V RMS V DC I(AV) IFSM VF IR Trr Cj R JA
50 35 50
100 70 100
150 105 150
200 140 200
300 210 300
400 280 400
500 350 500
600 420 600
V V V A A
1.0 30 0.95 5.0 100 35 30 100 -65 to +125 -65 to +150 15
o
1.3
1.7
V uA uA nS pF C/W o C o C
Operating Temperature Range TJ Storage Temperature Range T STG 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on PCB.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (SF11S THRU SF18S)
FIG.1- MAXIMUM AVERAGE FORWARD CURRENT DERATING
1.5
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
AVERAGE FORWARD CURRENT. (A)
1.0
INSTANTANEOUS REVERSE CURRENT. ( A)
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
100
0.5
Tj=100 0C 10
0 0 25 50 75 100 125
O
150
175
Tj=25 0C 1
AMBIENT TEMPERATURE. ( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
35
PEAK FORWARD SURGE CURRENT. (A)
30 25 20 15 10 5 0
0.1 8.3ms Single Half Sine Wave JEDEC Method
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
100
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT. (A)
FIG.4- TYPICAL JUNCTION CAPACITANCE
140 120 100 80 60 40
JUNCTION CAPACITANCE.(pF)
1
SF
11S
~S
SF1
F1
0.1
4S
5S~
SF1
8S
SF 11 S~ SF 14 S
10
6S F1 ~S 5S S 1 18 SF SF S~ 17 SF
20 0.01 0.4
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.1
0.5
1
2
5
10
20
50
100 200
500 1000
0.6
REVERSE VOLTAGE. (V)
0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
1.6
1.8
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
(+) 50Vdc (approx) (-)
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of SF11S1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X